Part Number Hot Search : 
167BZC 3SF11 2MBI1 L6204 SI4850EY BLF6G BU307F 476007
Product Description
Full Text Search
 

To Download MAAM-007724-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Low Noise CATV Amplifier 50 - 1005 MHz
Features
* * * * * * * * Low Distortion Low Noise Figure Push Pull Design Single Positive Supply Lead-Free 4 mm 20-Lead PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible
MAAM-007724 V1
Functional Schematic
RO1
text
N/C
text
N/C
text
N/C
text
RO2
text
N/C N/C FB1 N/C N/C
text text text text text
N/C N/C FB2 N/C N/C
Description
M/A-COM's MAAM-007724 is a GaAs PHEMT MMIC amplifier in a lead-free 4 mm 20-lead PQFN package. The MMIC design is configured as a pair of cascode PHEMT amplifiers for broadband performance. It is designed for integration in a 75-ohm push-pull, low distortion, amplifier circuit. The device is ideally suited for use in CATV, DBS, and HDTV applications where low noise figure and low distortion are required.
RI1
N/C
N/C
N/C
RI2
Pin Configuration 4
Pin No.
1
Pin Name
N/C N/C FB1 N/C N/C RI1 N/C N/C N/C RI2 N/C N/C FB2 N/C N/C RO2 N/C N/C N/C RO1
Description
No Connection No Connection Feedback 1 No Connection No Connection RF Input 1 No Connection No Connection No Connection RF Input 2 No Connection No Connection Feedback 2 No Connection No Connection RF Output 2 No Connection No Connection No Connection RF Output 1
Ordering Information
Part Number
MAAM-007724-TR1000 MAAM-007724-TR3000 MAAM-007724-000SMB
1
2 3
Package
1000 piece reel 3000 piece reel Sample Test Board (Includes 5 Samples)
4 5 6 7 8 9 10 11
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 2,3
Parameter
Input Power Operating Voltage Operating Temperature Storage Temperature
12 13 14 15 16 17 18 19 20
Absolute Maximum
+20 dBm +10 volts -40C to +85C -65C to +150C
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
4. The exposed pad centered on the package bottom must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise CATV Amplifier 50 - 1005 MHz MAAM-007724 V1
Electrical Specifications: TA = 25C, Freq: 50 - 1005 MHz, VDD = +5 Volts, Z0 = 75 ohms Test Circuit with M/A-COM Balun ETN1-1-13
Parameter
Gain Gain Flatness Noise Figure Input VSWR Output VSWR Output IP3 Composite Triple Beat, CTB Composite Second Order, CSO Cross modulation P1dB IDD
Test Conditions
-- -- -- -- -- Two tones at 397 & 403 MHz, +4 dBm output per tone 135 Channels, +13 dBmV/Channel at the input 135 Channels, +13 dBmV/Channel at the input 135 Channels, +13 dBmV/Channel at the input 400 MHz +5 Volts
Units
dB dB dB Ratio Ratio dBm dBc dBc dBc dBm mA
Min.
11.5 -- -- -- -- -- -- -- -- -- --
Typ.
12.2 0.4 3.3 1.3:1 1.5:1 32 -78 -78 -73 24 190
Max.
13.0 1.0 4.0 -- -- -- -70 -70 -64 -- 225
Test Circuit Schematic5
C3 R1 C5 +5V L1
text text
Recommended Test Circuit Layout6
C1
text text
C7 C9 T2
RF IN
text text
T1 C2
C10 C8
RF OUT
C4
5. The 1:1 baluns, T1 & T2, are M/A-COM part number ETN1-1-13.
External Circuitry Parts List
Qty
8 2 2 2 2
Capacitor, 0.01 F, 0603, SMT, 10% (C1-C8) Capacitor, 2 pF, 0402, SMT, 0.25pF (C9-C10) Inductor, 390 nH, 1008, SMT, 10% (L1, L2) Balun, 1:1, M/A-COM, ETN1-1-13, SMT (T1,T2) Resistor, 0 ohms, 0603, SMT (R1, R2)
text text
text text
L2 +5V R2 C6
6. Reference M/A-COM Application Note S2083 for recommended PCB configuration. R1 and R2 are 0 ohms.
Handling Procedures
Please observe the following precautions to avoid damage:
Description
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
RoHS Compliant
Low Noise CATV Amplifier 50 - 1005 MHz
Typical Performance Curves
Gain
13.5
MAAM-007724 V1
Gain vs. Frequency to 3 GHz
20
13.0
+25C +85C -40C
15
+25C +85C -40C
12.5
10
12.0
5
11.5
0
11.0
-5
10.5 0 200 400 600 800 1000
-10 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
Input Return Loss
0
+25C +85C -40C
Output Return Loss
0
+25C +85C -40C
-5
-5
-10
-10
-15
-15
-20
-20
-25
-25
-30 0 200 400 600 800 1000
-30 0 200 400 600 800 1000
Frequency (MHz)
Frequency (MHz)
OIP3 vs. PIN at 400 MHz, 25C
36
Noise Figure vs. Frequency, 25C
5
35
4
34 3 33 2 32 1
31
30 -10
0 -8 -6 -4 -2 0 2 4 0 200 400 600 800 1000
3
Pin (dBm)
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Frequency (MHz)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Low Noise CATV Amplifier 50 - 1005 MHz
Typical Performance Curves (continued)
Gain vs. POUT at 400 MHz
15 +25C +85C -40C
MAAM-007724 V1
14
13
12
11
10 16 18 20 22 24 26
Pout (dBm)
Lead-Free 4 mm 20-lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAAM-007724-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X